PART |
Description |
Maker |
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
Z8937320ASC Z8937320VSC Z8937320FSC Z8927320VSC Z8 |
16-BIT, 20 MHz, OTHER DSP, PQCC44 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes 16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
|
ZILOG INC Zilog, Inc.
|
ACS781 ACS781KLRTR-150B-T ACS781LLRTR-100B-T ACS78 |
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 μΩ Current Conductor Core-less, micro-sized, 100 A continuous current package
|
Allegro MicroSystems
|
BY329-1700S |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
TS5204CY50 TS5204 TS5204CX TS5204CX1.8 TS5204CX18 |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 150mA Low Noise LDO Voltage Regulator
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] http://
|
74AHCT259D 74AHC259D 74AHC259PW 74AHCT259PW HCT259 |
Zener Diode; Zener Voltage Typ, Vz:2.7V; Vz Test Current, Izt:20mA; Power Dissipation, Pd:500mW; Package/Case:DO-35; Breakdown Voltage Max:2.7V; Forward Current:200A; Leakage Current Max:100uA; Mounting Type:Through Hole 8位可寻址锁存 8-bit addressable latch
|
NXP Semiconductors N.V.
|
MAX3311 MAX3311CUB MAX3311EUB MAX3311-MAX3313 MAX3 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 460kbps, 1µA Supply Current, RS-232-Compatible Transceivers in µMAX LINE TRANSCEIVER, PDSO10 Quad LVDS Receiver with -4 to 5V Common-mode Range 16-TSSOP -40 to 85 Dual LVDS Receiver with -4 to 5V Common-mode Range 8-SOIC -40 to 85 460kbps, 1μA Supply Current, RS-232-Compatible Transceivers in μMAX 460kbps, 1A Supply Current, RS-232-Compatible Transceivers in MAX " 460kbps, 1?A Supply Current, RS-232-Compatible Transceivers in ?MAX" 460kbps 1A Supply Current RS-232-Compatible Transceivers in MAX 460KBPS, 1ヌA SUPPLY CURRENT, RS-232-COMPATIBLE TRANSCEIVERS IN ヌMAX 460kbps, 1レA Supply Current, RS-232-Compatible Transceivers in レMAX 460kbps, 1µA Supply Current, RS-232-Compatible Transceivers in µMAX 460kbps / 1A Supply Current / RS-232-Compatible Transceivers in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
XL6001 |
400KHz 32V 2A Switching Current Boost LED Constant Current Driver
|
XLSEMI
|
XL6003 |
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
|
XLSEMI
|